Part Number Hot Search : 
1N4963US TFR433G1 36230 FFM301 18AB7 18AB7 0E4D1 74LS42
Product Description
Full Text Search
 

To Download 71439-1164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0714391164 status: active description: 1.00mm (.039") pitch mezzanine ieee 1386 receptacle, surface mount, dual row, vertical stacking, tube, 0.76m (30") gold (au), 64 circuits documents: 3d model product specification ps-71436-9999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 71439 application board-to-board comments plugs product name mezzanine physical circuits (loaded) 64 color - resin natural flammability 94v-0 glow-wire compliant no lock to mating part yes mated height (mm) 12.00 mm material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention none packaging type tube pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 76.4 plating min: termination (m) 1.91 polarized to pcb no surface mount compatible (smc) n/a temperature range - operating -55c to +85c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 100v solder process data lead-free process capability reflow capable (smt only) process temperature max. c 260 material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71439 series mates with 714361 for stack height 11.00mm (.433"), 714362 for stack height 12.00mm (.472")
reference - drawing numbers product specification ps-71436-9999 sales drawing sda-71439-1*** this document was generated on 03/31/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 71439-1164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X